PART |
Description |
Maker |
43915-1218 43915-1118 43915-1211 43915-1104 43915- |
MF Sr Hdr Assy DR 250 Vt 10 Ckt SGold 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 250 Vt 10 Ckt Tin 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MF Sr Hdr Assy DR 125 Vt 06 Ckt SGold 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER HEADER,12 POS, DUAL ROW, VERT,30A 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 439151207 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
22-44-6104 A-42219-10E 0022446104 |
2.5 HEADER ASSY 100
|
Molex Electronics Ltd.
|
1-102153-0 1-102153-2 1-102153-3 |
HEADER ASSY, UNIVERSAL, AMP-LATCH
|
Tyco Electronics
|
1-5102153-3 |
HEADER ASSY, UNIVERSAL, AMP-LATCH
|
Tyco Electronics
|
1-102156-0 1-102156-1 1-102156-2 |
HEADER ASSY, UNIVERSAL, AMP-LATCH
|
Tyco Electronics
|
92140-010 92140-010H 92140-010HLF 92140-010LF 9214 |
68 POS EJECTOR HEADER ASSY FOR 5.0V APPLICATION
|
FCI connector
|
10-84-4152 10-84-4062 10-84-5061 10-84-4023 10-84- |
Header; No. of Contacts:15; Pitch Spacing:2.13mm; No. of Rows:3; Gender:Receptacle; Series:MLX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 15 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER Header; Number of Contacts:6; Pitch Spacing:2.13mm; Number of Rows:3; Gender:Receptacle; Series:MLX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 084 Dia Assy Hdr Hsg Skt 94V-0 Sn 6Ckt 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 084 Dia Assy Hdr Hsg Skt 94V-0 Sn 2Ckt 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER CONN HEADER 2POS .084 VERT TIN 2 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
1-103308-0 1-103308-2 |
HEADER ASSY, LOW PROFILE, AMP-LATCH
|
Tyco Electronics
|
1-103311-0 1-103311-2 1-103336-8 1-103336-3 |
HEADER ASSY, LOW PROFILE, AMP-LATCH
|
Tyco Electronics
|
M50-4900545 M50-4905045 |
1.27 mm PITCH DIL SMT PIN HEADER ASSY
|
Harwin Plc
|
4-292156-2 4-292156-5 4-292156-3 4-292156-6 4-2921 |
FREE HANGING TYPE RELAY POST HEADER ASSY
|
Tyco Electronics
|
M50-4801545 |
1.27mm PITCH DIL HORIZONTAL PIN HEADER ASSY
|
Harwin Plc
|
|